Part Number Hot Search : 
AAT1270 BR1010 USBT801 MRF49XA FST31100 74AC24 CZRB5942 107M01
Product Description
Full Text Search
 

To Download DF005S06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
DF005S - DF10S
Pb
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
Glass Passivated Die Construction Low Forward Voltage Drop High Current Capability High Surge Current Capability Designed for Surface Mount Application Plastic Material - UL Recognition Flammability Classification 94V-O G
B
~
+ ~
A C
D
E
L H
Mechanical Data
Case: DF-S, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Case Weight: 1.0 grams (approx.) Mounting Position: Any Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
J
K
DF-S Dim Min Max A 7.50 8.50 B 6.20 6.80 C 0.25 -- D 0.10 0.28 E 9.40 10.30 G 1.02 1.53 H 8.00 8.51 J 2.20 2.60 K 5.00 5.20 L 0.89 1.20 All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. DF 005S 50 35
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TA = 40C
Symbol VRRM VRWM VR VR(RMS) IO
DF 01S 100 70
DF 02S 200 140
DF 04S 400 280 1.0
DF 06S 600 420
DF 08S 800 560
DF 10S 1000 700
Unit
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per element Peak Reverse Current At Rated DC Blocking Voltage @IF = 1.0A @TA = 25C @TA = 125C
IFSM VFM IRM Cj RJA RJL Tj, TSTG
50 1.1 5.0 500 25 40 15 -65 to +150
A V A pF C/W C
Typical Junction Capacitance per element (Note 1) Typical Thermal Resistance per leg (Note 2) Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Mounted on PC board with 13mm2 copper pad.
DF005S - DF10S
1 of 4
(c) 2006 Won-Top Electronics
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.0
60 Hz Resistive or Inductive load
10
Tj = 25C Pulse Width = 300s 2% duty cycle
I(AV), AVERAGE FORWARD CURRENT (A)
1.0
0.5
0.1
0 40 60 80 100 120 140
0.01 0.4 0.6 0.8 1.0 1.2 1.4
TA, AMBIENT TEMPERATURE (C) Fig. 1 Output Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typ Forward Characteristics (per element)
IFSM , PEAK FORWARD SURGE CURRENT (A)
60
Single half-sine-Wave (JEDEC M ethod)
100
Tj = 25c f = 1.0 Mhz Vsig = 50 mV p-p
50
CJ, CAPACITANCE (pF)
40
30
10
20
10 0 1 10 100
1 1 10 100
NUM BER OF CYCLES AT 60 Hz Fig. 3 M ax Non-Repetitive Peak Forward Surge Current
VR, REVERSE VOLTAGE (V) Fig. 4 Typ Junction Capacitance (per element)
100
IR, INSTANTANEOUS REVERSE CURRENT (A)
Tj = 125C
10
1.0
Tj = 25C
0.1
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typ Reverse Characteristics (per element)
DF005S - DF10S
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
0.047 MIN (1.20 MIN)
inches(mm)
-
WTE DFxxS
+ ~
0.205(5.2) 0.195(5.0) 0.404 MAX (10.26 MAX)
~
WTE DFxxS xx Polarity
= Manufacturer's Logo = Device Number = 005, 01, 02, 04, 06, 08 or 10 = As Marked on Body
0.060 MIN (1.52 MIN)
PACKAGING INFORMATION
TAPE & REEL
Direction of Unreeling
12mm 330mm 16mm
4mm 16mm Product ID Label
1.6mm
Reel Diameter (mm) 330
Quantity (PCS) 1,500
Inner Box Size L x W x H (mm) 340 x 337 x 45
Quantity (PCS) 3,000
Carton Size L x W x H (mm) 370 x 370 x 420
Quantity (PCS) 24,000
Approx. Gross Weight (KG) 17.0
Note: 1. Anti-static or paper reel, blue or white color. 2. Components are packed in accordance with EIA standard 481-1 and 481-2.
DF005S - DF10S
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
DF005S-T3 DF01S-T3 DF02S-T3 DF04S-T3 DF06S-T3 DF08S-T3 DF10S-T3
1. 2.
Package Type
DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD DIL Bridge SMD
Shipping Quantity
1500/Tape & Reel 1500/Tape & Reel 1500/Tape & Reel 1500/Tape & Reel 1500/Tape & Reel 1500/Tape & Reel 1500/Tape & Reel
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, DF005S-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
DF005S - DF10S
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of DF005S06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X